PART |
Description |
Maker |
IRLU014NPBF IRLR014NTRPBF IRLR014NPBF |
Logic-Level Gate Drive
|
International Rectifier
|
IRL1104S |
Logic-Level Gate Drive
|
International Rectifier
|
IRL520NPBF IRL520NPBF-15 |
Logic-level Gate Drive ADVANCED PROCESS TECHNOLOGY
|
International Rectifier
|
IRLR2705TRPBF IRLR2705TRLPBF |
Logic-Level Gate Drive 28 A, 55 V, 0.051 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
MC74VHC1GT32DTT1 MC74VHC1GT32DFT1 MC74VHC1GT32 MC7 |
Single 2 Input OR Gate, TTL Level 2-Input OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC1GT02 MC74VHC1GT02-D |
Single 2 Input NOR Gate TTL Level Single 2-Input NOR Gate/ CMOS Logic Level Shifter with LSTTL Compatible Inputs
|
ON Semiconductor
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
SNN01Z60Q |
Logic Level gat Drive Application
|
KODENSHI KOREA CORP.
|
HD74LV1GT32ACME HD74LV1GT32A-15 HD74LV1GT32AVSE |
2?input OR Gate / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|